PART |
Description |
Maker |
08-55-0105 08-56-0108 08-50-0108 |
KK 156 TERMINAL CRIMP 22-26 AWG GOLD BRASS, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):26-22; Contact Material:Brass RoHS Compliant: Yes BRASS, GOLD FLASH FINISH, WIRE TERMINAL CRIMP PIN, 22-28AWG PK100 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
02-09-2101 02-09-2103 |
Crimp Pin Contact; Wire Size (AWG):20-14; Contact Plating:Tin; Series:1190; Pitch Spacing:2.36mm; Reel Quantity:7000 RoHS Compliant: Yes BRASS, TIN (20) FINISH, WIRE TERMINAL CONN TERM MALE 14-20AWG TIN BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex, Inc.
|
02-09-8107 02-09-8103 02-09-8108 02-09-8109 02-09- |
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES 093 Male GrdPin Term Chain 18-22 BRASS, TIN FINISH, WIRE TERMINAL Crimp Pin Contact; Wire Size (AWG):22-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN FINISH, WIRE TERMINAL 093 Male GrdPin Term Chain 14-18 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
08-03-0303 |
Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN LEAD FINISH, WIRE TERMINAL
|
Molex, Inc.
|
02-09-1104 |
Crimp Socket Contact; Wire Size (AWG):20-14 RoHS Compliant: Yes BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex, Inc.
|
08-50-0113 |
Crimp Socket Contact; Wire Size (AWG):30-22; Contact Plating:Tin; Series:2759; Lead Pitch:2.54mm; Reel Quantity:10000; Voltage Rating:250V BRASS, TIN OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
02-06-1202 02-06-1206 02-06-1205 02-06-1201 02-06- |
Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Phosphor Bronze PHOSPHOR BRONZE, TIN FINISH, WIRE TERMINAL TERMINAL FOR USE WHITH 1.57/0.62 DIA. SERIES HOUSINGS PHOSPHOR BRONZE, GOLD FINISH, WIRE TERMINAL
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
A29010L-55 A29010-90 A29010-70 A29010V-90 A29010V- |
Circular Connector; No. of Contacts:22; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:13-35 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Purple; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes 128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K的8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
AM6T-4803DH35 AM6T-1203DH35 AM6T AM6T-1203D AM6T-1 |
JT 13C 13#22D PIN RECP 六瓦特的DC - DC转换 Circular Connector; No. of Contacts:13; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-35 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:3; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:9-98 RoHS Compliant: No From old datasheet system 6 watt dc-dc converters
|
Aimtec http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
AIC1084 AIC1084-15CE AIC1084-15CM AIC1084-15CMA AI |
5A Low Dropout Positive Adjustable Regulator Circular Connector; No. of Contacts:5; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:14-5 RoHS Compliant: No Circular Connector; No. of Contacts:37; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-35 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:14-18 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-97 RoHS Compliant: No Circular Connector; No. of Contacts:5; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-5 RoHS Compliant: No JT 18C 18#20 SKT PLUG Circular Connector; No. of Contacts:37; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:14-35 RoHS Compliant: No JT 37C 37#22D SKT PLUG A低压差可调稳压器 JT 15C 14#20 1#16 PIN WALL REC A低压差可调稳压器 Circular Connector; No. of Contacts:18; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-18 RoHS Compliant: No
|
Analog Intergrations Co... Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
1N5802-1 JANHCE1N5802 JANKCE1N5802 JANKCE1N5806 JA |
2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS 2.5 A, SILICON, RECTIFIER DIODE Circular Connector; No. of Contacts:79; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:79; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-35 RoHS Compliant: No JT 79C 79#22D PIN RECP Circular Connector; No. of Contacts:32; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:18-32 RoHS Compliant: No Ultra Fast Rectifier (less than 100ns)
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|